PART |
Description |
Maker |
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
L796BSRD L796BGD L796BID L796BSRB L796BSRC L796BSR |
The High Efficiency Red Source Color Devices T-3 SINGLE COLOR LED, HIGH EFFICIENCY RED, 8 mm
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
LTC1628-PG LTC1628I-PG LTC1628C-PG LTC1628CG-PG |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency/ 2-Phase Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation
|